Part Number Hot Search : 
70055 E93I24HS AD830 GILFT 60001 MJW1302A LP732A ESDA5
Product Description
Full Text Search
 

To Download 1680856 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/1680856 12/2/13???page? 1 ?/? 8 sensor/actuator box?-?sacb-4q/4p-l-sc npn?-?1680856 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://download.phoenixcontact.com) sensor/actuator box, connection method: quickon, 0.34 mm2 ... 0.75 mm2, number of slots: 4, number of positions: 4, slot assignment: single, status indication: yes, npn; master cable connection: spring-cage conn. 180, shielding: no the illustration shows a version with 8 quickon connections and led product features ?safety in the field, thanks to molded housing and high degree of protection ?flexible, distributed bundling of signals in one master cable ?convenient: increased machine availability thanks to quick and easy diagnostics ?innovative and time-saving assembly with insulation displacement connection ?flexible: distributor box with connector hood for on-site assembly key commercial data packing unit 1 pce weight per piece (excluding packing) 195.7 grm custom tariff number 85366990 country of origin poland technical data general rated voltage 24 v dc max. operating voltage u max 30 v dc current carrying capacity per i/o signal 4 a current carrying capacity per slot 4 a total rated current 12 a number of positions 4 number of slots 4 inflammability class according to ul 94 v0 4 3 1 5 0v u n 1 2 6 7 8 6/4 7/4 8/4 2/4 1/4 4 4 4 4 4 1 1 1 1 1 3 3 3 3 3 5 5 5 5 5
https://www.phoenixcontact.com/us/products/1680856 12/2/13???page? 2 ?/? 8 sensor/actuator box?-?sacb-4q/4p-l-sc npn?-?1680856 technical data general sensor/actuator connection system quickon ambient conditions degree of protection ip65 ip67 ambient temperature (operation) -25 c ... 60 c local diagnostics function local diagnostics supply voltage green led status display i/o yellow led master cable data/connection data connection method spring-cage conn. conductor cross section min. (signal) 0.14 mm2 conductor cross section max. (signal) 1 mm2 conductor cross section awg min. (signal) 26 conductor cross section awg max. (signal) 18 stripping length (signal) 10 mm conductor cross section min. (energy) 0.2 mm2 conductor cross section max. (energy) 1.5 mm2 conductor cross section awg min. (energy) 24 conductor cross section awg max. (energy) 16 external cable diameter min. 6.5 mm external cable diameter max. 9.5 mm stripping length 70 mm (master cable) tightening torque, union nut 2.5 nm conductor data structure of individual litz in acc. with vde 0295 / smallest wire diameter class 2-6 // 0.34 mm2: 0.1 mm; 0.5 - 0.75 mm2: 0.15 mm wire insulation material pvc/pe wire diameter including insulation 2.5 mm minimum external conductor diameter 4 mm maximum external conductor diameter 7.5 mm tightening torque, union nut 2.5 nm wrench size, union nut 22 mm note on the frequency of connections if the conductor is connected more than once, seal and cap may need to be replaced. conductor cross section stranded min. 0.34 mm2 conductor cross section stranded max. 0.75 mm2 conductor cross section awg/kcmil min. 22 4 3 1 5 0v u n 1 2 6 7 8 6/4 7/4 8/4 2/4 1/4 4 4 4 4 4 1 1 1 1 1 3 3 3 3 3 5 5 5 5 5
https://www.phoenixcontact.com/us/products/1680856 12/2/13???page? 3 ?/? 8 sensor/actuator box?-?sacb-4q/4p-l-sc npn?-?1680856 technical data conductor data conductor cross section awg/kcmil max 18 insulation material housing material pa material of the moulding mass pur contact material steel/copper contact surface material sn material of contact, master cable side cuzn material of contact surface, master cable side nisn material of the contact carrier on the master cable side pa 66 v0 pin assignment slot/position = wire color or connection 1 / 4 (a)?=?1 / 4 2 / 4 (a)?=?2 / 4 3 / 4 (a)?=?3 / 4 4 / 4 (a)?=?4 / 4 1-4 / 1 (+ 24 v)?=?u n 1-4 / 3 (0 v)?=?0 v 1-4 / 5 (pe)?=?pe classifications ecl@ss ecl@ss 4.0 27140815 ecl@ss 4.1 27140815 ecl@ss 5.0 27143423 ecl@ss 5.1 27143423 ecl@ss 6.0 27143423 ecl@ss 7.0 27449001 ecl@ss 8.0 27449001 etim etim 2.0 ec000200 etim 3.0 ec001856 etim 4.0 ec002585 etim 5.0 ec002585 unspsc unspsc 6.01 31261501 4 3 1 5 0v u n 1 2 6 7 8 6/4 7/4 8/4 2/4 1/4 4 4 4 4 4 1 1 1 1 1 3 3 3 3 3 5 5 5 5 5
https://www.phoenixcontact.com/us/products/1680856 12/2/13???page? 4 ?/? 8 sensor/actuator box?-?sacb-4q/4p-l-sc npn?-?1680856 classifications unspsc unspsc 7.0901 31261501 unspsc 11 31261501 unspsc 12.01 31261501 unspsc 13.2 31261501 approvals approvals approvals ul recognized / cul recognized / gost / culus recognized ex approvals approvals submitted approval details ul recognized? ? ? mm2/awg/kcmil 22-16 nominal voltage un 24 v cul recognized? ? ? mm2/awg/kcmil 22-16 nominal voltage un 24 v gost? 4 3 1 5 0v u n 1 2 6 7 8 6/4 7/4 8/4 2/4 1/4 4 4 4 4 4 1 1 1 1 1 3 3 3 3 3 5 5 5 5 5
https://www.phoenixcontact.com/us/products/1680856 12/2/13???page? 5 ?/? 8 sensor/actuator box?-?sacb-4q/4p-l-sc npn?-?1680856 approvals culus recognized? accessories accessories cable by the meter master cable ring?-?sacb- 4x0,34/ 3x0,75-50,0 pur?-?1503328 master cable for sensor/actuator boxes, with pe conductor, unshielded, material pur/pvc, 7-pos., 4 x 0.34 mm2 and 3 x 0.75 mm2 ? ? device marking zack marker strip?-?zbn 18:unbedruckt?-?2809128 zack marker strip, strip, white, unlabeled, can be labeled with: plotter, mounting type: snap into tall marker groove, for terminal block width: 18 mm, lettering field: 18 x 5 mm ? ? pressure nut screw connection set?-?q set-11/4 cod1 sacb-q?-?1670743 quickon set for replacement purposes, consisting of pressure nut, cap, line seal and splice ring ? ? protective cap 4 3 1 5 0v u n 1 2 6 7 8 6/4 7/4 8/4 2/4 1/4 4 4 4 4 4 1 1 1 1 1 3 3 3 3 3 5 5 5 5 5
https://www.phoenixcontact.com/us/products/1680856 12/2/13???page? 6 ?/? 8 sensor/actuator box?-?sacb-4q/4p-l-sc npn?-?1680856 accessories filler plugs?-?q-prot 9/11?-?1670235 closing cap for pg9/pg11 to close unoccupied connections ? ? screwdriver tools philips screwdriver?-?szk pz2 vde?-?1206463 screwdriver, pz crosshead, vde insulated, size: pz 2 x 100 mm, 2-component grip, with non-slip grip ? ? seal grommet?-?sacb-d pg 13,5 (4,0-6,5) ye?-?1680377 rubber seal for pg13.5 screw connection, for 4.0 mm ... 6.5 mm cable diameter ? ? grommet?-?sacb-d pg 13,5 (6,5-9,5) bk?-?1680380 rubber seal for pg13.5 screw connection, for 6.5 mm ... 9.5 mm cable diameter ? ? grommet?-?sacb-d pg 13,5 (9,0-13,0) rd?-?1680393 rubber seal for pg13.5 screw connection, for 9.0 mm ... 13.0 mm cable diameter ? ? 4 3 1 5 0v u n 1 2 6 7 8 6/4 7/4 8/4 2/4 1/4 4 4 4 4 4 1 1 1 1 1 3 3 3 3 3 5 5 5 5 5
https://www.phoenixcontact.com/us/products/1680856 12/2/13???page? 7 ?/? 8 sensor/actuator box?-?sacb-4q/4p-l-sc npn?-?1680856 accessories socket spanner socket wrench?-?qss 22?-?1670206 allen wrench, for loosening and fastening the quickon union nut, waf 22 mm ? ? drawings schematic diagram quickon connection, 4-pos. circuit diagram 4 3 1 5 0v u n 1 2 6 7 8 6/4 7/4 8/4 2/4 1/4 4 4 4 4 4 1 1 1 1 1 3 3 3 3 3 5 5 5 5 5
https://www.phoenixcontact.com/us/products/1680856 12/2/13???page? 8 ?/? 8 sensor/actuator box?-?sacb-4q/4p-l-sc npn?-?1680856 dimensioned drawing ? phoenix contact 2013 - all rights reserved http://www.phoenixcontact.com 4 3 1 5 0v u n 1 2 6 7 8 6/4 7/4 8/4 2/4 1/4 4 4 4 4 4 1 1 1 1 1 3 3 3 3 3 5 5 5 5 5


▲Up To Search▲   

 
Price & Availability of 1680856

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X